PART |
Description |
Maker |
BD5233G_FVE BD5335G_FVE BD5358G_FVE BD5346G_FVE BD |
Voltage detector, 2.7V Voltage detector, 3.1V Voltage detector, 5.5V Voltage detectors > CMOS Voltage detector IC with external C delay circuit (Open Drain output type) Voltage detectors > CMOS Voltage detector IC with external C delay circuit (CMOS output type) VOLTAGE DETECTOR IC with adjustable delay time Voltage detector, 4.2V Voltage detector, 2.9V Voltage detector, 3.7V Voltage detector, 3.6V Voltage detector, 3.2V Voltage detector, 5.2V Voltage detector, 5.9V
|
etc ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
BD48L23FVE-TL BD48L23FVE-TR BD48L23G-TR BD48L23G-T |
Standard CMOS Voltage Detector IC Standard CMOS Voltage Detector IC High accuracy detection, Ultra-low current consumption
|
Rohm
|
BU4809 BU4809F-TR BU4809FP3-TR BU4809G-TR BU4811 B |
Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption Low Voltage Standard CMOS Voltage Detector ICs
|
Rohm
|
BU4948F-TR BU4948FVE-TR BU4948G-TR BU4809FVE-TR BU |
Low Voltage Standard CMOS Voltage Detector IC Series
|
Rohm
|
BU4844 BU4848 BU4843 BU4842 BU4846 BU4824 BU4822 B |
Low Voltage Standard CMOS Voltage Detector IC Series
|
ROHM
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
BD48K41G-TR BD48K41G-TL BD49K41G-TL BD49K41G-TR BD |
Standard CMOS Voltage Detector IC
|
Rohm
|
GM5510C-1.8ST23R GM5510C-1.8ST23RG GM5510C-1.8ST89 |
STANDARD VOLTAGE DETECTOR
|
Gamma Microelectronics Inc.
|
BU4910 BU4909 BU4911 BU4912 BU4913 BU4914 BU4915 B |
Low Voltage Standard CMOS Voltage Detector ICs 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
|
Rohm
|
BD5323FVE-TR BD5323G-TR BD5240G-TR BD5242G-TR BD52 |
Free Delay Time Setting CMOS Voltage Detector IC Series Delay time controlled by extemal capacitor Free Delay Time Setting CMOS Voltage Detector IC Series Delay Time Controlled by external Capacitor, Two output types Highly accurate, low current consumption Voltage Detector ICs with a capacitor-controlled time delay.
|
Rohm
|
RN5VL22CA-TL |
CMOS Voltage Detector
|
ETC
|
BD71L4LG-1 BD71L4LHFV-1 BD71L4LHFV-1TR |
CMOS Over Voltage Detector IC
|
Rohm
|